PART |
Description |
Maker |
SS0520 SS0520-T1 SS0520-T3 SS0530-T1 SS0540-T3 SS0 |
128 x 128 pixel format, LED or EL Backlight available SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
BAS40-05T-7 BAS40-04T-7 BAS40-06T-7 BAS40T-7 BAS40 |
128 x 128 pixel format, LED or EL Backlight available SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
Diodes Inc. Diodes Incorporated
|
AAT3215IGV-25-T1 AAT3215IGV-27-T1 AAT3215IGV-285-T |
150mA CMOS High Performance LDO 150mA的LDO稳压器的CMOS高性能 128 x 128 pixel format, LED or EL Backlight available
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
SK33-T1 SK33-T3 S310-T3 S310-T1 SK32 SK32-T1 SK32- |
128 x 128 pixel format, LED or EL Backlight available 3.0A的表面贴装肖特基整流 3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 3.0A的表面贴装肖特基整流
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
TK75020 TK75020TL TK75020TL_75020 TK75020TL/75020 |
ZVS RESONANT CONTROLLER 128 x 64 pixel format, LED Backlight available
|
TOKO[TOKO, Inc] TOKO Inc.
|
QM50TX-HB |
240 x 128 pixel format, LED or EL Backlight MEDIUM POWER SWITCHING USE INSULATED TYPE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
CXK5B18120TM- CXK5B18120TM-12 CXK5B18120TM |
128 x 64 pixel format, LED Backlight available -65536-word x 18-bit High Speed Bi-CMOS Static RAM
|
SONY[Sony Corporation]
|
CXK5V16100TM-10LLX CXK5V16100TM-85LLX CXK5V16100TM |
128 x 64 pixel format, LED Backlight available 65536-word X 16-bit High Speed CMOS Static RAM
|
SONY[Sony Corporation]
|
CXK5T16100TM- CXK5T16100TM-12LLX CXK5T16100TM |
128 x 64 pixel format, LED Backlight available 65536-word x 16-bit High Speed CMOS Static RAM
|
SONY[Sony Corporation]
|
2SC4570 2SC4570-T1 2SC4570-T2 2SC4570T74-T2 2SC457 |
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD NPN硅外延晶体管超小型模 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 128 x 128 pixel format, LED or EL Backlight available
|
NEC, Corp. NEC Corp. NEC[NEC]
|
A29L320UG-90U A29L320UV-90U A29L320UV-90UF A29L320 |
240 x 128 pixel format, LED or EL Backlight 4米8 2米16位CMOS 3.3伏只,引导扇区闪 4M X 8 Bit / 2M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory 4米8 2米16位CMOS 3.3伏只,引导扇区闪 640 x 200 pixel format, TAB configuration, 2.8mm total thickness 4米8 2米16位CMOS 3.3伏只,引导扇区闪 ADAPTER DC/AC CURRENT CLAMP 4米8 2米16位CMOS 3.3伏只,引导扇区闪 480 x 320 pixel format, White LED Backlight 4米8 2米16位CMOS 3.3伏只,引导扇区闪 Lucasey Mounting Systems Mobile Equipment Carts, Platform Dimensions: (W x D) 24 x 18 , Load Capacity: 120 lbs, Finish: Black, Material: Welded Steel, Features: 4 heavy duty casters with locking brakes CARRYING CASE FOR HV-44 PROBE CRT UNIVERSAL TESTER ADAPTOR Color HVGA display (640 x 240 pixels), CCFT Backlight with power harness ADAPTORS FOR MODELS #490 AND 480, MANUFACTURER NUMBER: CR3 ACCESSORY POUCH FOR B&K PRECISION 1420/1422 SERIES TEST INSTRUMENTS RoHS Compliant: NA ADAPTER 20PIN PAL FOR BK842/843 MODULE FOR PIC BK846/847 640 x 480 pixel format, CCFL Backlight
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|